データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC582BX データシート(PDF) 12 Page - STMicroelectronics

部品番号 SPC582BX
部品情報  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX データシート(HTML) 12 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 8Page - STMicroelectronics SPC582BX Datasheet HTML 9Page - STMicroelectronics SPC582BX Datasheet HTML 10Page - STMicroelectronics SPC582BX Datasheet HTML 11Page - STMicroelectronics SPC582BX Datasheet HTML 12Page - STMicroelectronics SPC582BX Datasheet HTML 13Page - STMicroelectronics SPC582BX Datasheet HTML 14Page - STMicroelectronics SPC582BX Datasheet HTML 15Page - STMicroelectronics SPC582BX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 115 page
background image
Package pinouts and signal descriptions
SPC582Bx
12/115
DS11597 Rev 4
3
Package pinouts and signal descriptions
Refer to the SPC582Bx IO_ Definition document.
It includes the following sections:
1.
Package pinouts
2.
Pin descriptions
a)
Power supply and reference voltage pins
b)
System pins
c)
Generic pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More