| データシートサーチシステム |
|
SPC584BX データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584BX データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 142 page ![]() Description SPC584Bx 12/142 DS11701 Rev 4 – One supervisor 12-bit SAR analog converter – One 10-bit SAR analog converter with STDBY mode support Seven Deserial Serial Peripheral Interface (DSPI) modules Fourteen LIN and UART communication interface (LINFlexD) modules – LINFlexD_0 is a Master/Slave – All others are Masters Eight modular controller area network (MCAN) modules, all supporting flexible data rate (ISO CAN-FD compliant) One ethernet controller 10/100 Mbps, compliant IEEE 802.3-2008 – IEEE 1588-2008 Time stamping (internal 64-bit time stamp) – IEEE 802.1AS and IEEE 802.1Qav (AVB-Feature) – IEEE 802.1Q VLAN tag detection – IPv4 and IPv6 checksum modules Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some support for 2010 standard Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1 and IEEE 1149.7), 2-pin JTAG interface Standby power domain with smart wake-up sequence |