データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC582B54E3 データシート(PDF) 13 Page - STMicroelectronics

部品番号 SPC582B54E3
部品情報  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B54E3 データシート(HTML) 13 Page - STMicroelectronics

Back Button SPC582B54E3 Datasheet HTML 9Page - STMicroelectronics SPC582B54E3 Datasheet HTML 10Page - STMicroelectronics SPC582B54E3 Datasheet HTML 11Page - STMicroelectronics SPC582B54E3 Datasheet HTML 12Page - STMicroelectronics SPC582B54E3 Datasheet HTML 13Page - STMicroelectronics SPC582B54E3 Datasheet HTML 14Page - STMicroelectronics SPC582B54E3 Datasheet HTML 15Page - STMicroelectronics SPC582B54E3 Datasheet HTML 16Page - STMicroelectronics SPC582B54E3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
DS11597 Rev 4
13/115
SPC582Bx
Electrical characteristics
13
4
Electrical characteristics
4.1
Introduction
The present document contains the target Electrical Specification for the 40 nm family 32-bit
MCU SPC582Bx products.
In the tables where the device logic provides signals with their respective timing
characteristics, the symbol “CC” (Controller Characteristics) is included in the “Symbol”
column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol “SR” (System Requirement) is included in the
“Symbol” column.
The electrical parameters shown in this document are guaranteed by various methods. To
give the customer a better understanding, the classifications listed in Table 3 are used and
the parameters are tagged accordingly in the tables where appropriate.
Table 3. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design validation on a small sample size from typical
devices.
D
Those parameters are derived mainly from simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More