データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58NE80C3 データシート(PDF) 55 Page - STMicroelectronics

部品番号 SPC58NE80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NE80C3 データシート(HTML) 55 Page - STMicroelectronics

Back Button SPC58NE80C3 Datasheet HTML 51Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 52Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 53Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 54Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 55Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 56Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 57Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 58Page - STMicroelectronics SPC58NE80C3 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 154 page
background image
DS11646 Rev 4
55/154
SPC58EEx, SPC58NEx
Electrical characteristics
66
3.12.3
SAR ADC 10 bit electrical specification
The ADC comparators are 10-bit Successive Approximation Register analog-to-digital
converters with full capacitive DAC. The SARn architecture allows input channel
multiplexing.
Note:
The functional operating conditions are given in the DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the listed maximum may affect device reliability or cause
permanent damage to the device.
4. Mode3: 6 sampling cycles + 10 conversion cycles at 16 MHz.
5. IADCREFH and IADCREFL are independent from ADC clock frequency. It depends on conversion rate: consumption is driven
by the transfer of charge between internal capacitances during the conversion.
6. Current parameter values are for a single ADC.
7. TUE is granted with injection current within the range defined in Table 26, for parameters classified as T and D.
8. All channels of all SAR-ADC12bit and SAR-ADC10bit are impacted with same degradation, independently from the ADC
and the channel subject to current injection.
9. DNL is granted with injection current within the range defined in Table 26, for parameters classified as T and D.
Table 28. ADC-Comparator electrical specification
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fADCK
SR
P
Clock frequency
Standard frequency mode
7.5
13.33
MHz
T
High frequency mode
>13.33
16.0
tADCINIT
SR
— ADC initialization time
—
1.5
—
µs
tADCBIASINIT
SR
—
ADC BIAS initialization
time
—5
—
µs
tADCINITSBY
SR
—
ADC initialization time
in standby
Standby Mode
8
—
µs
tADCPRECH
SR
T ADC precharge time
—
1/fADCK
—µs
ΔVPRECH
SR
D
Precharge voltage
precision
TJ < 150 °C
0
0.25
V
TJ < 165 °C
0
0.3
tADCSAMPLE
SR
P ADC sample time(1)
10-bit ADC mode
5/fADCK
—µs
ADC comparator mode
2/fADCK
—µs
tADCEVAL
SR
P
ADC evaluation time
10-bit ADC mode
10/fADCK
—
µs
D
ADC comparator mode
2/fADCK
—
IADCREFH(2),(3)
CC
T
ADC high reference
current
Run mode
(average across all codes)
—7
µA
Power Down mode
—
1
ADC comparator mode
—
19.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com