| データシートサーチシステム |
|
SPC58EE84C3 データシート(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58EE84C3 データシート(HTML) 80 Page - STMicroelectronics |
|
80 / 154 page ![]() Electrical characteristics SPC58EEx, SPC58NEx 80/154 DS11646 Rev 4 Figure 16. Standby regulator with external ballast mode Table 39. External components integration Symbol C Parameter Conditions(1) Value Unit Min Typ Max Common Components CE SR D Internal voltage regulator stability external capacitance.(2) (3) —2 × 2.2 — µF RE SR D Stability capacitor equivalent serial resistance Total resistance including board track —— 50 m Ω CLVn SR D Internal voltage regulator decoupling external capacitance(2) (4) (5) Each VDD_LV/VSS pair — 47 — nF RLVn SR D Stability capacitor equivalent serial resistance —— — 50 m Ω CBV SR D Bulk capacitance for HV supply(2) on one VDD_HV_IO_MAIN/ VSS pair —4.7 — µF |