データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EE84C3 データシート(PDF) 142 Page - STMicroelectronics

部品番号 SPC58EE84C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 データシート(HTML) 142 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 138Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 139Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 140Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 141Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 142Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 143Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 144Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 145Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 154 page
background image
Ordering information
SPC58EEx, SPC58NEx
142/154
DS11646 Rev 4
32
32
0
0x00FD0000
0x00FD7FFF
32
32
1
0x00FD8000
0x00FDFFFF
64
64
0
0x00FE0000
0x00FEFFFF
64
64
0
0x00FF0000
0x00FFFFFF
128
128
0
0x01000000
0x0101FFFF
128
128
1
0x01020000
0x0103FFFF
256
256
0
0x01040000
0x0107FFFF
256
256
0
0x01080000
0x010BFFFF
256
256
0
0x010C0000
0x010FFFFF
256
256
0
0x01100000
0x0113FFFF
256
256
0
0x01140000
0x0117FFFF
256
256
0
0x01180000
0x011BFFFF
256
256
0
0x011C0000
0x011FFFFF
256
256
1
0x01200000
0x0123FFFF
256
256
1
0x01240000
0x0127FFFF
256
256
1
0x01280000
0x012BFFFF
256
256
1
0x012C0000
0x012FFFFF
256
256
1
0x01300000
0x0133FFFF
256
256
1
0x01340000
0x0137FFFF
256
256
1
0x01380000
0x013BFFFF
256
NA
5
0x013C0000
0x013FFFFF
256
NA
5
0x01400000
0x0143FFFF
256
NA
5
0x01440000
0x0147FFFF
256
NA
5
0x01480000
0x014BFFFF
256
NA
5
0x014C0000
0x014FFFFF
256
NA
5
0x01500000
0x0153FFFF
256
NA
5
0x01540000
0x0157FFFF
256
NA
5
0x01580000
0x015BFFFF
Table 82. Code Flash options (continued)
SPC58xE84 (6M)
SPC58xE80 (4M)
Partition
Start address
End address
Table 83. RAM options(1)
SPC58NE84
SPC58EE84 SPC58NE80
SPC58EE80
Type
Start address
End address
768
768
768
768
128
128
128
128
PRAMC_0
0x40060000
0x4007FFFF
160
160
160
160
PRAMC_1
0x40080000
0x400A7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More