データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 81 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 81 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 77Page - STMicroelectronics ST25DV64K Datasheet HTML 78Page - STMicroelectronics ST25DV64K Datasheet HTML 79Page - STMicroelectronics ST25DV64K Datasheet HTML 80Page - STMicroelectronics ST25DV64K Datasheet HTML 81Page - STMicroelectronics ST25DV64K Datasheet HTML 82Page - STMicroelectronics ST25DV64K Datasheet HTML 83Page - STMicroelectronics ST25DV64K Datasheet HTML 84Page - STMicroelectronics ST25DV64K Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 200 page
background image
Table 100. Timing values
Minimum (min) values
Nominal (nom) values
Maximum (max) values
100% modulation
10% modulation
t1
4320 / fc = 318.6 µs
4352 / fc = 320.9 µs
4384 / fc = 323.3 µs (1)
t2
4192 / fc = 309.2 µs
No tnom
No tmax
t3
t1max(2) + tSOF (3)
t1max(2) + tNRT (4) + t2min
No tnom
No tmax
1. VCD request will not be interpreted during the first milliseconds following the RF field rising.
2. t1max does not apply for write-alike requests. Timing conditions for write-alike requests are defined in the command
description.
3. tSOF is the time taken by the ST25DVxxx to transmit an SOF to the VCD. tSOF depends on the current data rate: High data
rate or Low data rate.
4. tNRT is the nominal response time of the ST25DVxxx. tNRT depends on VICC to ST25DVxxx data rate and subcarrier
modulation mode.
Note:
The tolerance of specific timings is ± 32/fC.
ST25DV04K ST25DV16K ST25DV64K
Timing definition
DS10925 - Rev 9
page 81/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More