データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 145 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 145 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics ST25DV64K Datasheet HTML 147Page - STMicroelectronics ST25DV64K Datasheet HTML 148Page - STMicroelectronics ST25DV64K Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 200 page
background image
Figure 75. I2C AC waveforms
SCL
SDA In
SCL
SDA Out
SCL
SDA In
tCHCL
tDLCL
tCHDX
Start
condition
tCLCH
tDXCX
tCLDX
SDA
Input
SDA
Change
tCHDH
tDHDL
Stop
condition
Data valid
tCLQV
tCLQX
tCHDH
Stop
condition
tCHDX
Start
condition
Write cycle
tW
Start
condition
tCHCL
tXH1XH2
tXH1XH2
tXL1XL2
tXL1XL2
Data valid
tDL1DL2
Figure 76. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus)
indicates how the value of the pull-up resistor can be calculated. In most applications, though, this method of
synchronization is not employed, and so the pull-up resistor is not necessary, provided that the bus master has a
push-pull (rather than open drain) output.
Figure 76. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus)
1
10
10
100
Bus line capacitor (pF)
I²C bus
master
ST25DV
Rbus
VCC
Cbus
SCL
SDA
Here,
R bu s × Cbu s= 120 ns
R
bu s × C
bu s = 150
ns
4
30
The Rbus x Cbus time constant
must be below 150 ns.
The time constant line is
represented on the left.
100
ST25DV04K ST25DV16K ST25DV64K
I2C DC and AC parameters
DS10925 - Rev 9
page 145/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More