データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 199 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 199 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics ST25DV64K Datasheet HTML 197Page - STMicroelectronics ST25DV64K Datasheet HTML 198Page - STMicroelectronics ST25DV64K Datasheet HTML 199Page - STMicroelectronics ST25DV64K Datasheet HTML 200Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 199 / 200 page
background image
Figure 52.
Extended Get System Info frame exchange between VCD and ST25DVxxx .........................110
Figure 53.
Get Multiple Block Security Status frame exchange between VCD and ST25DVxxx....................112
Figure 54.
Extended Get Multiple Block Security Status frame exchange between VCD and ST25DVxxx ............113
Figure 55.
Read Configuration frame exchange between VCD and ST25DVxxx ..............................114
Figure 56.
Write Configuration exchange between VCD and ST25DVxxx ..................................116
Figure 57.
Read Dynamic Configuration frame exchange between VCD and ST25DVxxx .......................117
Figure 58.
Write Dynamic Configuration frame exchange between VCD and ST25DVxxx .......................118
Figure 59.
Manage GPO frame exchange between VCD and ST25DVxxx ..................................119
Figure 60.
Write Message frame exchange between VCD and ST25DVxxx ................................ 120
Figure 61.
Read Message Length frame exchange between VCD and ST25DVxxx........................... 121
Figure 62.
Read Message frame exchange between VCD and ST25DVxxx ................................ 122
Figure 63.
Fast Read Message frame exchange between VCD and ST25DVxxx ............................ 123
Figure 64.
Write Password frame exchange between VCD and ST25DVxxx ............................... 125
Figure 65.
Present Password frame exchange between VCD and ST25DVxxx.............................. 126
Figure 66.
Fast Read Single Block frame exchange between VCD and ST25DVxxx .......................... 127
Figure 67.
Fast Extended Read Single Block frame exchange between VCD and ST25DVxxx ................... 129
Figure 68.
Fast Read Multiple Block frame exchange between VCD and ST25DVxxx ......................... 130
Figure 69.
Fast Extended Read Multiple Block frame exchange between VCD and ST25DVxxx .................. 132
Figure 70.
Fast Write Message frame exchange between VCD and ST25DVxxx ............................ 133
Figure 71.
Fast Read Message Length frame exchange between VCD and ST25DVxxx ....................... 134
Figure 72.
Fast Read Dynamic configuration frame exchange between VCD and ST25DVxxx ................... 135
Figure 73.
Fast Write Dynamic Configuration frame exchange between VCD and ST25DVxxx ................... 136
Figure 74.
AC test measurement I/O waveform ................................................... 139
Figure 75.
I2C AC waveforms ............................................................... 145
Figure 76.
I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus) ............. 145
Figure 77.
ASK modulated signal ............................................................. 148
Figure 78.
SO8N – Outline ................................................................. 149
Figure 79.
SO8N - Recommended footprint ...................................................... 150
Figure 80.
TSSOP8 – Outline ............................................................... 150
Figure 81.
TSSOP8 – Recommended footprint.................................................... 151
Figure 82.
UFDFN8 - Outline ................................................................ 152
Figure 83.
UFDFPN12 - Outline .............................................................. 153
Figure 84.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline .............. 154
Figure 85.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale recommended footprint......... 155
Figure 86.
Logic 0, high data rate, fast commands ................................................. 157
Figure 87.
Logic 1, high data rate, fast commands ................................................. 157
Figure 88.
Logic 0, low data rate, fast commands .................................................. 157
Figure 89.
Logic 1, low data rate, fast commands .................................................. 158
Figure 90.
Start of frame, high data rate, one subcarrier, fast commands .................................. 158
Figure 91.
Start of frame, low data rate, one subcarrier, fast commands .................................. 158
Figure 92.
End of frame, high data rate, one subcarrier, fast commands .................................. 159
Figure 93.
End of frame, low data rate, one subcarrier, fast commands ................................... 159
ST25DV04K ST25DV16K ST25DV64K
List of figures
DS10925 - Rev 9
page 199/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More