データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25TV02K データシート(PDF) 71 Page - STMicroelectronics

部品番号 ST25TV02K
部品情報  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K データシート(HTML) 71 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 67Page - STMicroelectronics ST25TV02K Datasheet HTML 68Page - STMicroelectronics ST25TV02K Datasheet HTML 69Page - STMicroelectronics ST25TV02K Datasheet HTML 70Page - STMicroelectronics ST25TV02K Datasheet HTML 71Page - STMicroelectronics ST25TV02K Datasheet HTML 72Page - STMicroelectronics ST25TV02K Datasheet HTML 73Page - STMicroelectronics ST25TV02K Datasheet HTML 74Page - STMicroelectronics ST25TV02K Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
7
Unique identifier (UID)
The ST25TV02K/512 are uniquely identified by a 64-bit unique identifier (UID). This UID complies with
ISO/IEC 15963 and ISO/IEC 7816-6. The UID is a read-only code and comprises:
8 bytes
the MSB has a value of E0h
the IC manufacturer code “ST 02h” on 8 bits (ISO/IEC 7816-6/AM1),
a unique serial number on 48 bits
Table 151. UID format
MSB
LSB
63
56
55
48
47
40
40
0
0xE0
0x02
ST product code (1)
Unique serial number
1. See Table 30. UID for ST product code value definition.
With the UID, each ST25TV02K/512 can be addressed uniquely and individually during the anticollision loop and
for one-to-one exchanges between a VCD and an ST25TV02K/512.
ST25TV02K ST25TV512
Unique identifier (UID)
DS12074 - Rev 11
page 71/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90