データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV16K データシート(PDF) 70 Page - STMicroelectronics

部品番号 ST25DV16K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K データシート(HTML) 70 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics ST25DV16K Datasheet HTML 68Page - STMicroelectronics ST25DV16K Datasheet HTML 69Page - STMicroelectronics ST25DV16K Datasheet HTML 70Page - STMicroelectronics ST25DV16K Datasheet HTML 71Page - STMicroelectronics ST25DV16K Datasheet HTML 72Page - STMicroelectronics ST25DV16K Datasheet HTML 73Page - STMicroelectronics ST25DV16K Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 200 page
background image
6.5
I2C read operations
Read operation in user memory is performed successfully only if:
•
Area to which the byte belongs is not read protected by I2CSS register.
•
Area to which the byte belongs is read protected by I2CSS register, but I2C security session is open.
Read operations in system memory and dynamic registers are done independently of any protection mechanism,
except I2C_PWD register which needs I2C security session to be open first.
Read operation in fast transfer mode’s mailbox is performed successfully only if fast transfer mode is activated.
If read is not successful, ST25DVxxx releases the bus and I2C host reads byte value FFh.
After the successful completion of a read operation, the device’s internal address counter is incremented by one,
to point to the next byte address.
After an unsuccessful read operation, ST25DVxxx enters in I2C dead state: internal address counter is not
incremented, and ST25DVxxx is waiting for a full new I2C instruction.
6.5.1
Random Address Read
A dummy write is first performed to load the address into this address counter (as shown in Figure 29. Read
mode sequences) but without sending a Stop condition. Then, the bus master sends another Start condition, and
repeats the device select code, with the Read/Write bit (RW) set to 1. The device acknowledges this, and outputs
the contents of the addressed byte. The bus master must not acknowledge the byte, and terminates the transfer
with a Stop condition.
6.5.2
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only sends a device select
code with the Read/Write bit (RW) set to 1. The device acknowledges this, and outputs the byte addressed by
the internal address counter. The counter is then incremented. The bus master terminates the transfer with a Stop
condition, as shown in Figure 29. Read mode sequences, without acknowledging the byte.
ST25DV04K ST25DV16K ST25DV64K
I2C read operations
DS10925 - Rev 9
page 70/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More