| データシートサーチシステム |
|
ST25DV16K データシート(PDF) 167 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K データシート(HTML) 167 Page - STMicroelectronics |
|
167 / 200 page ![]() Table 277. Polling during programming after sequential write in User memory when write operation allowed and crossing over area border Master drives SDA Slave drives SDA Comment Request/Response Frame Start A6h - Device select for writing - ACK 9th bit Device ready No programming Stop - End of Polling B.3.2 I2C sequential write in mailbox and polling Table 278. Sequential write in mailbox when mailbox is free from RF message and fast transfer mode is activated Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send mailbox Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send mailbox Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n n ≤ 256 - ACK 9th bit Stop - Immediate mailbox content update Table 279. Polling during programing after sequential write in mailbox Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit Device ready Mailbox is immediately updated Stop - End of Polling ST25DV04K ST25DV16K ST25DV64K I2C sequential writing and polling DS10925 - Rev 9 page 167/200 |