| データシートサーチシステム |
|
ST25DV16K データシート(PDF) 196 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K データシート(HTML) 196 Page - STMicroelectronics |
|
196 / 200 page ![]() Table 215. Block security status................................................................ 127 Table 216. Fast Read Single Block response format when Error_flag is set .................................. 127 Table 217. Fast Extended Read Single Block request format............................................ 128 Table 218. Fast Extended Read Single Block response format when Error_flag is NOT set ....................... 128 Table 219. Block security status................................................................ 128 Table 220. Fast Extended Read Single Block response format when Error_flag is set........................... 128 Table 221. Fast Read Multiple Block request format .................................................. 129 Table 222. Fast Read Multiple Block response format when Error_flag is NOT set ............................. 129 Table 223. Block security status if Option_flag is set.................................................. 130 Table 224. Fast Read Multiple Block response format when Error_flag is set ................................. 130 Table 225. Fast Extended Read Multiple Block request format........................................... 131 Table 226. Fast Extended Read Multiple Block response format when Error_flag is NOT set ...................... 131 Table 227. Block security status if Option_flag is set.................................................. 131 Table 228. Fast Read Multiple Block response format when Error_flag is set ................................. 131 Table 229. Fast Write Message request format ..................................................... 132 Table 230. Fast Write Message response format when Error_flag is NOT set ................................ 132 Table 231. Fast Write Message response format when Error_flag is set .................................... 133 Table 232. Fast Read Message Length request format ................................................ 133 Table 233. Fast Read Message Length response format when Error_flag is NOT set ........................... 134 Table 234. Fast Read Message Length response format when Error_flag is set ............................... 134 Table 235. Fast Read Dynamic configuration request format ............................................ 134 Table 236. Fast Read Dynamic configuration response format when Error_flag is NOT set ....................... 135 Table 237. Fast Read Dynamic configuration response format when Error_flag is set ........................... 135 Table 238. Fast Write Dynamic Configuration request format............................................ 135 Table 239. Fast Write Dynamic Configuration response format when Error_flag is NOT set ....................... 136 Table 240. Fast Write Dynamic Configuration response format when Error_flag is set........................... 136 Table 241. UID format ...................................................................... 137 Table 242. Absolute maximum ratings ........................................................... 138 Table 243. I2C operating conditions ............................................................. 139 Table 244. AC test measurement conditions ....................................................... 139 Table 245. Input parameters .................................................................. 139 Table 246. I2C DC characteristics up to 85°C ...................................................... 139 Table 247. I2C DC characteristics up to 125°C...................................................... 141 Table 248. I2C AC characteristics up to 85°C....................................................... 142 Table 249. I2C AC characteristics up to 125°C...................................................... 143 Table 250. GPO DC characteristics up to 85°C ..................................................... 146 Table 251. GPO DC characteristics up to 125°C .................................................... 146 Table 252. GPO AC characteristics ............................................................. 146 Table 253. RF characteristics ................................................................. 147 Table 254. Operating conditions ............................................................... 148 Table 255. SO8N – Mechanical data ............................................................ 149 Table 256. TSSOP8 – Mechanical data .......................................................... 151 Table 257. UFDFN8 - Mechanical data ........................................................... 152 Table 258. UFDFPN12 - Mechanical data ......................................................... 153 Table 259. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale mechanical data ............... 154 Table 260. WLCSP10 recommended PCB design rules ............................................... 155 Table 261. Ordering information scheme.......................................................... 156 Table 262. Device select usage ................................................................ 160 Table 263. Byte Write in user memory when write operation allowed ...................................... 160 Table 264. Polling during programming after byte writing in user memory ................................... 161 Table 265. Byte Write in user memory when write operation is not allowed .................................. 161 Table 266. Byte Write in Dynamic Register (if not Read Only) ........................................... 162 Table 267. Polling during programming after byte write in Dynamic Register ................................. 162 Table 268. Byte Write in Dynamic Register if Read Only ............................................... 162 ST25DV04K ST25DV16K ST25DV64K List of tables DS10925 - Rev 9 page 196/200 |