データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F072X8 データシート(PDF) 46 Page - STMicroelectronics

部品番号 STM32F072X8
部品情報  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072X8 データシート(HTML) 46 Page - STMicroelectronics

Back Button STM32F072X8 Datasheet HTML 42Page - STMicroelectronics STM32F072X8 Datasheet HTML 43Page - STMicroelectronics STM32F072X8 Datasheet HTML 44Page - STMicroelectronics STM32F072X8 Datasheet HTML 45Page - STMicroelectronics STM32F072X8 Datasheet HTML 46Page - STMicroelectronics STM32F072X8 Datasheet HTML 47Page - STMicroelectronics STM32F072X8 Datasheet HTML 48Page - STMicroelectronics STM32F072X8 Datasheet HTML 49Page - STMicroelectronics STM32F072X8 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
STM32F072x8 STM32F072xB
46/128
DS9826 Rev 6
Table 17. Alternate functions selected through GPIOC_AFR registers for port C
Pin name
AF0
AF1
PC0
EVENTOUT
-
PC1
EVENTOUT
-
PC2
EVENTOUT
SPI2_MISO, I2S2_MCK
PC3
EVENTOUT
SPI2_MOSI, I2S2_SD
PC4
EVENTOUT
USART3_TX
PC5
TSC_G3_IO1
USART3_RX
PC6
TIM3_CH1
-
PC7
TIM3_CH2
-
PC8
TIM3_CH3
-
PC9
TIM3_CH4
-
PC10
USART4_TX
USART3_TX
PC11
USART4_RX
USART3_RX
PC12
USART4_CK
USART3_CK
PC13
-
-
PC14
-
-
PC15
-
-
Table 18. Alternate functions selected through GPIOD_AFR registers for port D
Pin name
AF0
AF1
PD0
CAN_RX
SPI2_NSS, I2S2_WS
PD1
CAN_TX
SPI2_SCK, I2S2_CK
PD2
TIM3_ETR
USART3_RTS
PD3
USART2_CTS
SPI2_MISO, I2S2_MCK
PD4
USART2_RTS
SPI2_MOSI, I2S2_SD
PD5
USART2_TX
-
PD6
USART2_RX
-
PD7
USART2_CK
-
PD8
USART3_TX
-
PD9
USART3_RX
-
PD10
USART3_CK
-
PD11
USART3_CTS
-
PD12
USART3_RTS
TSC_G8_IO1
PD13
-
TSC_G8_IO2
PD14
-
TSC_G8_IO3
PD15
CRS_SYNC
TSC_G8_IO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More