データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F072C8 データシート(PDF) 35 Page - STMicroelectronics

部品番号 STM32F072C8
部品情報  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072C8 データシート(HTML) 35 Page - STMicroelectronics

Back Button STM32F072C8 Datasheet HTML 31Page - STMicroelectronics STM32F072C8 Datasheet HTML 32Page - STMicroelectronics STM32F072C8 Datasheet HTML 33Page - STMicroelectronics STM32F072C8 Datasheet HTML 34Page - STMicroelectronics STM32F072C8 Datasheet HTML 35Page - STMicroelectronics STM32F072C8 Datasheet HTML 36Page - STMicroelectronics STM32F072C8 Datasheet HTML 37Page - STMicroelectronics STM32F072C8 Datasheet HTML 38Page - STMicroelectronics STM32F072C8 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
DS9826 Rev 6
35/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
43
Figure 9. UFQFPN48 package pinout
Figure 10. WLCSP49 package pinout
1. The above figure shows the package in top view, changing from bottom view in the previous document
versions.
MSv32166V2
I/O supplied from VDDIO2
Top view
Exposed pad
Exposed pad
UFQFPN48
3
4
5
6
7
8
9
10
11
12
1
2
36
35
34
33
32
31
30
29
28
27
26
25
VBAT
NRST
VSSA
VDDA
PA0
PA1
PC13
PC14-OSC32_IN
PF0-OSC_IN
PF1-OSC_OUT
PC15-OSC32_OUT
VDDIO2
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
PA2
MSv32165V4
A
B
C
D
E
5
4
3
2
1
Top view
WLCSP49
67
F
G
I/O supplied from VDDIO2
VDD
VSS
VBAT
NC
PC14-
OSC32_
IN
PC15-
OSC32_
OUT
PF0-
OSC_
IN
PF1-
OSC_
OUT
BOOT0
PB4
PB3
PA15
PA14
VSS
VDDIO2
PA13
PB5
PB8
PB9
PB6
PA12
PA10
PA11
PC13
PB7
VSS
PA9
PA8
VSSA
PA2
PA3
PB10
PB12
PB15
NRST
PB14
VDD
PA7
PA6
PA5
PA0
VDDA
PB13
PB11
PB2
PB1
PB0
PA4
PA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More