| データシートサーチシステム |
|
STM32F072V8 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072V8 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 128 page ![]() Memory mapping STM32F072x8 STM32F072xB 28/128 DS9826 Rev 6 4 Memory mapping To the difference of STM32F072xB memory map in Figure 3, the two bottom code memory spaces of STM32F072x8 end at 0x0000 FFFF and 0x0800 FFFF, respectively. Figure 3. STM32F072xB memory map MS31409V2 AHB2 0 1 2 3 4 5 6 7 0xFFFF FFFF Peripherals SRAM Flash memory Reserved System memory Option Bytes 0xE010 0000 Flash, system memory or SRAM, depending on BOOT configuration 0x0000 0000 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0x0800 0000 0x0802 0000 0x1FFF C800 0x1FFF F800 0x1FFF FFFF 0x0002 0000 Reserved CODE APB APB Reserved 0x4000 0000 0x4000 8000 0x4001 0000 0x4001 8000 Reserved 0x4002 0000 AHB1 0x4800 0000 Reserved 0x4800 17FF 0x4002 43FF Cortex-M0 internal peripherals Reserved 0x1FFF FC00 Reserved Reserved Reserved Reserved Reserved Reserved Reserved |