| データシートサーチシステム |
|
STM32WB15CC データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB15CC データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 127 page ![]() DS13258 Rev 4 29/127 STM32WB15CC Functional overview 45 IPCC O - O - - -- -- -- -- HSEM O - O - - -- -- -- -- PKA O O O O - -- -- -- -- GPIOs O O O O O OO O (6) 2 pins (7) (8) 2 pins (8) - 1. Legend: Y = Yes (enabled). O = Optional (disabled by default, can be enabled by software). R = data retained. - = Not available. Gray cells indicate Wakeup capability. 2. The SRAM clock can be gated on or off. 3. Some peripherals with wakeup from Stop capability can request HSI16 to be enabled. In this case, HSI16 is woken up by the peripheral, and only feeds the peripheral which requested it. HSI16 is automatically put off when the peripheral does not need it anymore. 4. UART and LPUART reception is functional in Stop mode, and generates a wakeup interrupt on Start, address match or received frame event. 5. I2C address detection is functional in Stop mode, and generates a wakeup interrupt in case of address match. 6. I/Os can be configured with internal pull-up, pull-down or floating in Standby mode. 7. The I/Os with wakeup from Standby/Shutdown capability are PA0 and PA2. 8. I/Os can be configured with internal pull-up, pull-down or floating in Shutdown mode but the configuration is lost when exiting the Shutdown mode. Table 6. Functionalities depending on system operating mode(1) (continued) Peripheral Stop0 Stop1 Standby Shutdow - - - - |