| データシートサーチシステム |
|
STM32F107RC データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107RC データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 108 page ![]() Application block diagrams STM32F105xx, STM32F107xx 100/108 DocID15274 Rev 10 A.4 USB OTG FS interface + Ethernet/I2S interface solutions With the clock tree implemented on the STM32F107xx, only one crystal is required to work with both the USB (host/device/OTG) and the Ethernet (MII/RMII) interfaces. Figure 59 illustrate the solution. Figure 59. USB O44TG FS + Ethernet solution With the clock tree implem1ented on the STM32F107xx, only one crystal is required to work with both the USB (host/device/OTG) and the I2S (Audio) interfaces. Figure 60 illustrate the solution. Figure 60. USB OTG FS + I2S (Audio) solution |