データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6364Q データシート(PDF) 2 Page - STMicroelectronics

部品番号 L6364Q
部品情報  Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364Q データシート(HTML) 2 Page - STMicroelectronics

  L6364Q Datasheet HTML 1Page - STMicroelectronics L6364Q Datasheet HTML 2Page - STMicroelectronics L6364Q Datasheet HTML 3Page - STMicroelectronics L6364Q Datasheet HTML 4Page - STMicroelectronics L6364Q Datasheet HTML 5Page - STMicroelectronics L6364Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The switches on the X-NUCLEO-IOD02A1 conveniently allow you to configure
L6364Q and expansion board settings such as transmission mode and DC-DC
converter enable/disable according to application requirements.
You can also perform evaluation of comprehensive industrial sensor modules by
connecting the X-NUCLEO-IOD02A1 to the X-NUCLEO-IKS02A1 sensor shield.
X-NUCLEO-IOD02A1
DB3883 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6