データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F302X6 データシート(PDF) 31 Page - STMicroelectronics

部品番号 STM32F302X6
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302X6 データシート(HTML) 31 Page - STMicroelectronics

Back Button STM32F302X6 Datasheet HTML 27Page - STMicroelectronics STM32F302X6 Datasheet HTML 28Page - STMicroelectronics STM32F302X6 Datasheet HTML 29Page - STMicroelectronics STM32F302X6 Datasheet HTML 30Page - STMicroelectronics STM32F302X6 Datasheet HTML 31Page - STMicroelectronics STM32F302X6 Datasheet HTML 32Page - STMicroelectronics STM32F302X6 Datasheet HTML 33Page - STMicroelectronics STM32F302X6 Datasheet HTML 34Page - STMicroelectronics STM32F302X6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 139 page
background image
DS9896 Rev 8
31/139
STM32F302x6 STM32F302x8
Pinouts and pin description
51
4
Pinouts and pin description
Figure 4. STM32F302x6/8 UFQFN32 pinout
1. The above figure shows the package top view.
Figure 5. STM32F302x6/8 LQFP48 pinout
1. The above figure shows the package top view.
32
31 30
29 28 27
26 25
1
2
3
4
5
24
6
23
7
22
8
21
20
19
17
9
10 111213 141516
18
UFQFN32
MS30483V3
VDD_1
PF0/OSC_IN
PF1/OSC_OUT
NRST
VDDA/VREF+
VSSA/VREF-
PA0
PA1
PA14
PA13
PA12
PA11
PA10
PA9
PA8
VDD_2
14 15 16 17 18 19 20
47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
21 22 23 24
VDD_3
VSS_3
PA12
PB15
PB14
PB13
PB12
48
13
2
3
4
5
6
7
8
9
10
11
VBAT
PC14/OSC32_IN
PC15/OSC32_OUT
NRST
VSSA/VREF-
VDDA
PA0
PA1
PA2
PF0/OSC_IN
PF1/OSC_OUT
PC13
12
1
MS19819V8
LQFP48
PA13
PA11
PA10
PA9
PA8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More