データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F373C8 データシート(PDF) 136 Page - STMicroelectronics

部品番号 STM32F373C8
部品情報  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 データシート(HTML) 136 Page - STMicroelectronics

Back Button STM32F373C8 Datasheet HTML 129Page - STMicroelectronics STM32F373C8 Datasheet HTML 130Page - STMicroelectronics STM32F373C8 Datasheet HTML 131Page - STMicroelectronics STM32F373C8 Datasheet HTML 132Page - STMicroelectronics STM32F373C8 Datasheet HTML 133Page - STMicroelectronics STM32F373C8 Datasheet HTML 134Page - STMicroelectronics STM32F373C8 Datasheet HTML 135Page - STMicroelectronics STM32F373C8 Datasheet HTML 136Page - STMicroelectronics STM32F373C8 Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 137 page
background image
Revision history
STM32F373xx
136/137
DocID022691 Rev 7
08-Jun-2016
7
Updated:
– Table 3: Capacitive sensing GPIOs available on
STM32F373xx devices
– Table 19: Voltage characteristics
– Table 27: Embedded internal reference voltage
– Table 41: LSE oscillator characteristics (fLSE = 32.768 kHz)
– Table 49: ESD absolute maximum ratings
– Table 60: ADC characteristics
– Table 63: DAC characteristics
– Table 65: Temperature sensor calibration values
– Table 74: SDADC characteristics
– Table 81: Package thermal characteristics
– Figure 17: TC and TTa I/O input characteristics - CMOS
port
– Figure 18: Five volt tolerant (FT and FTf) I/O input
characteristics - CMOS port
Removed:
– Figure 18: TC and TTa I/O input characteristics - TTL port
– Figure 20: Five volt tolerant (FT and FTf) I/O input
characteristics - TTL port
Table 83. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More