| データシートサーチシステム |
|
STM32F373C8 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373C8 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 137 page ![]() Pinouts and pin description STM32F373xx 34/137 DocID022691 Rev 7 8D1 3 3 PC14 - OSC32_IN(1) I/O TC - - OSC32_IN 9E1 4 4 PC15 - OSC32_OUT(1) I/O TC - - OSC32_OUT 10 F2 - - PF9 I/O FT (2) TIM14_CH1 - 11 G2 - - PF10 I/O FT (2) -- 12 F1 5 5 PF0 - OSC_IN I/O FTf - I2C2_SDA OSC_IN 13 G1 6 6 PF1 - OSC_OUT I/O FTf - I2C2_SCL OSC_OUT 14 H2 7 7 NRST I/O RST - Device reset input / internal reset output (active low) 15 H1 8 - PC0 I/O TTa (2) TIM5_CH1_ETR ADC_IN10 16 J2 9 - PC1 I/O TTa (2) TIM5_CH2 ADCIN11 17 J3 10 - PC2 I/O TTa (2) SPI2_MISO/I2S2_MCK, TIM5_CH3 ADC_IN12 18 K2 11 - PC3 I/O TTa (2) SPI2_MOSI/I2S2_SD, TIM5_CH4 ADC_IN13 19 J1 - - PF2 I/O FT (2) I2C2_SMBA - 20 K1 12 8 VSSA/VREF- S - - Analog ground - - - 9 VDDA/VREF+ S - (2) Analog power supply / Reference voltage for ADC, COMP, DAC 21 M1 13 - VDDA S - (2) Analog power supply 22 L1 17 - VREF+ S - (2) Reference voltage for ADC, COMP, DAC 23 L2 14 10 PA0 I/O TTa - USART2_CTS, TIM2_CH1_ETR, TIM5_CH1_ETR, TIM19_CH1, TSC_G1_IO1, COMP1_OUT RTC_ TAMPER2, WKUP1, ADC_IN0, COMP1_INM 24 M2 15 11 PA1 I/O TTa - SPI3_SCK/I2S3_CK, USART2_RTS, TIM2_CH2, TIM15_CH1N, TIM5_CH2, TIM19_CH2, TSC_G1_IO2, RTC_REFIN ADC_IN1, COMP1_INP Table 11. STM32F373xx pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |