| データシートサーチシステム |
|
STM32F373CC データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CC データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 137 page ![]() DocID022691 Rev 7 39/137 STM32F373xx Pinouts and pin description 47 77 A9 50 38 PA15 I/O FTf - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, I2C1_SCL, TIM2_CH1_ETR, TIM12_CH2, TSC_SYNC, JTDI - 78 B11 51 - PC10 I/O FT (2) SPI3_SCK/I2S3_CK, USART3_TX, TIM19_CH1 - 79 C10 52 - PC11 I/O FT (2) SPI3_MISO/I2S3_MCK, USART3_RX, TIM19_CH2 - 80 B10 53 - PC12 I/O FT (2) SPI3_MOSI/I2S3_SD, USART3_CK, TIM19_CH3 - 81 C9 - - PD0 I/O FT (2) CAN_RX, TIM19_CH4 - 82 B9 - - PD1 I/O FT (2) CAN_TX, TIM19_ETR - 83 C8 54 - PD2 I/O FT (2) TIM3_ETR - 84 B8 - - PD3 I/O FT (2) SPI2_MISO/I2S2_MCK, USART2_CTS - 85 B7 - - PD4 I/O FT (2) SPI2_MOSI/I2S2_SD, USART2_RTS - 86 A6 - - PD5 I/O FT (2) USART2_TX - 87 B6 - - PD6 I/O FT (2) SPI2_NSS/I2S2_WS, USART2_RX - 88 A5 - - PD7 I/O FT (2) SPI2_SCK/I2S2_CK, USART2_CK - 89 A8 55 39 PB3 I/O FT - SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM13_CH1, TSC_G5_IO1, JTDO-TRACESWO - 90 A7 56 40 PB4 I/O FT - SPI1_MISO/I2S1_MCK, SPI3_MISO/I2S3_MCK, USART2_RX, TIM16_CH1, TIM3_CH1, TIM17_BKIN, TIM15_CH1N, TSC_G5_IO2, NJTRST - Table 11. STM32F373xx pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |