データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L100RB-A データシート(PDF) 34 Page - STMicroelectronics

部品番号 STM32L100RB-A
部品情報  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB-A データシート(HTML) 34 Page - STMicroelectronics

Back Button STM32L100RB-A Datasheet HTML 30Page - STMicroelectronics STM32L100RB-A Datasheet HTML 31Page - STMicroelectronics STM32L100RB-A Datasheet HTML 32Page - STMicroelectronics STM32L100RB-A Datasheet HTML 33Page - STMicroelectronics STM32L100RB-A Datasheet HTML 34Page - STMicroelectronics STM32L100RB-A Datasheet HTML 35Page - STMicroelectronics STM32L100RB-A Datasheet HTML 36Page - STMicroelectronics STM32L100RB-A Datasheet HTML 37Page - STMicroelectronics STM32L100RB-A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Pin descriptions
STM32L100x6/8/B-A
34/103
DocID025966 Rev 6
20
14
PA4
I/O
TC
PA4
SPI1_NSS/USART2_CK
ADC_IN4/
DAC_OUT1/
COMP1_INP
21
15
PA5
I/O
TC
PA5
SPI1_SCK/TIM2_CH1_ETR
ADC_IN5/
DAC_OUT2/
COMP1_INP
22
16
PA6
I/O
FT
PA6
SPI1_MISO/TIM3_CH1/
LCD_SEG3/TIM10_CH1
ADC_IN6/
COMP1_INP
23
17
PA7
I/O
FT
PA7
SPI1_MOSI/TIM3_CH2/
LCD_SEG4/TIM11_CH1
ADC_IN7/
COMP1_INP
24
-
PC4
I/O
FT
PC4
LCD_SEG22
ADC_IN14/
COMP1_INP
25
-
PC5
I/O
FT
PC5
LCD_SEG23
ADC_IN15/
COMP1_INP
26
18
PB0
I/O
TC
PB0
TIM3_CH3/LCD_SEG5
ADC_IN8/
COMP1_INP/
VREF_OUT
27
19
PB1
I/O
FT
PB1
TIM3_CH4/LCD_SEG6
ADC_IN9/
COMP1_INP/
VREF_OUT
28
20
PB2
I/O
FT
PB2/BOOT1
BOOT1
-
29
21
PB10
I/O
FT
PB10
I2C2_SCL/USART3_TX/
TIM2_CH3/
LCD_SEG10
-
30
22
PB11
I/O
FT
PB11
I2C2_SDA/USART3_RX
/TIM2_CH4/LCD_SEG11
-
31
23
VSS_1
S-
VSS_1
--
32
24
VDD_1
S-
VDD_1
--
33
25
PB12
I/O
FT
PB12
SPI2_NSS/I2C2_SMBA/
USART3_CK/
LCD_SEG12/
TIM10_CH1
ADC_IN18/
COMP1_INP/
34
26
PB13
I/O
FT
PB13
SPI2_SCK/USART3_CTS/
LCD_SEG13/TIM9_CH1
ADC_IN19/
COMP1_INP
Table 9. STM32L100x6/8/B-A pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More