データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

538043 データシート(PDF) 1 Page - Festo Corporation.

部品番号 538043
部品情報  Precision pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538043 データシート(HTML) 1 Page - Festo Corporation.

  538043 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Precision pressure regulator
MS6N-LRP-3/8-D7-A8
Part number: 538043
Data sheet
Feature
Value
Size
6
Series
MS
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Pilot-controlled precision diaphragm regulator
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991540
Pressure gauge
G1/8 prepared
Operating pressure
0.1 MPa ... 1.4 MPa
Operating pressure
1 bar ... 14 bar
Pressure regulation range
0.1 bar ... 12 bar
Max. pressure hysteresis
0.02 bar
Flow rate of secondary venting
≥900 l/min
Standard nominal flow rate
≥3300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
1000 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
3/8 NPT
Pneumatic connection 2
3/8 NPT
Pneumatic connection 3
G1/4
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Housing material
Aluminum
3/18/22 - Subject to change - Festo SE & Co. KG
1/1


同様の部品番号 - 538043

メーカー部品番号データシート部品情報
logo
Festo Corporation.
538040 FESTO-538040 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538041 FESTO-538041 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538042 FESTO-538042 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538044 FESTO-538044 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538045 FESTO-538045 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
More results

同様の説明 - 538043

メーカー部品番号データシート部品情報
logo
Festo Corporation.
534988 FESTO-534988 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
534990 FESTO-534990 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534993 FESTO-534993 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534994 FESTO-534994 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538008 FESTO-538008 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538016 FESTO-538016 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538022 FESTO-538022 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538030 FESTO-538030 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538038 FESTO-538038 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538039 FESTO-538039 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com