データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MKT データシート(PDF) 4 Page - Schurter Inc.

部品番号 MKT
部品情報  Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MKT データシート(HTML) 4 Page - Schurter Inc.

  MKT Datasheet HTML 1Page - Schurter Inc. MKT Datasheet HTML 2Page - Schurter Inc. MKT Datasheet HTML 3Page - Schurter Inc. MKT Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Fuses
MKT
https://www.schurter.com /PG01_2
Circuit Protection
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.1 In
typ. [mW]
Power Dissi-
pation 1.25 In
typ. [mW]
Melting I²t
10.0 In typ.
[A²s]
Order Number
3) 150 A @ 65 VAC cos
φ ≥ 0.95 / 150A @ 65 VDC resistiv
Packaging Unit
acc. IEC 60286-3 Type 2a
.xx = .03
100 St. in Blister Tape ESD-plastic bag
.xx = .57
1500 pcs. in tape [W: 12mm and P1: 4mm] on reel [A: 18cm]
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com