| データシートサーチシステム |
|
MF3ICDX21 データシート(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3ICDX21 データシート(HTML) 12 Page - NXP Semiconductors |
|
12 / 18 page ![]() MF3ICDX21_41_81_SDS All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product short data sheet COMPANY PUBLIC Rev. 3.2 — 9 December 2015 145632 12 of 18 NXP Semiconductors MF3ICDx21_41_81 MIFARE DESFire EV1 contactless multi-application IC Remark: All command and data frames are exchanged between MIFARE DESFire EV1 and PCD by using block format as defined in ISO/IEC 14443-4. 9.7 MIFARE DESFire EV1 command set - ISO/IEC 7816 APDU commands The MIFARE DESFire EV1 provides the following commands according to ISO/IEC 7816-4: – INS code ‘A4’ SELECT – INS code ‘B0’ READ BINARY – INS code ‘D6’ UPDATE BINARY – INS code ‘B2’ READ RECORDS – INS code ‘E2’ APPEND RECORD – INS code ‘84’ GET CHALLENGE – INS code ‘88’ INTERNAL AUTHENTICATE – INS code ‘82’ EXTERNAL AUTHENTICATE 9.7.1 ISO/IEC 7816-4 APDU message structure MIFARE DESFire EV1 supports the APDU message structure according to ISO/IEC 7816-4 for: – an optional wrapping of the native MIFARE DESFire EV1 APDU format – additionally implemented ISO/IEC 7816-4 commands Find more information on the ISO/IEC 7816-4 commands in Ref. 1. Clear RecordFile resets a Cyclic or Linear Record file to empty state Commit Transaction validates all previous write accesses on Backup Data files, Value files and Record files within one application Abort Transaction invalidates all previous write accesses on Backup Data files, Value files and Record files within one application Table 9. Data manipulation commands ?continued Command Description |