| データシートサーチシステム |
|
MF4SAM3 データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF4SAM3 データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 31 page ![]() NXP Semiconductors MF4SAM3 MIFARE SAM AV3 secure access module MF4SAM3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.0 — 2 August 2019 COMPANY PUBLIC 561930 30 / 31 Figures Fig. 1. Block diagram ................................................... 5 Fig. 2. Pin configuration PCM1.5 ................................. 6 Fig. 3. Pin configuration HVQFN32 ..............................6 Fig. 4. Operating conditions over voltage range ...........9 Fig. 5. Input characteristic of IO1, IO2, IO3 in "quasi-bidirectional" mode ...............................15 Fig. 6. Input characteristic of IO1, IO2, IO3 in "weak pull-up" input mode ......................................... 15 Fig. 7. Input characteristic of CLK when the IC is not in reset and of RST_N .................................... 16 Fig. 8. Input characteristic of CLK during IC reset ......16 Fig. 9. External clock drive and AC test timing reference points of CLK, RST_N, IO1, IO2 and IO3 (see and ) ......................................... 19 Fig. 10. Timing for I2C Slave bus ................................ 21 Fig. 11. Package outline SOT617-3 ............................. 22 Fig. 12. Package outline SOT658-1 ............................. 23 Fig. 13. Packing information for HVQFN32 package - Reel .............................................................. 24 |