データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC0LMZ データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC0LMZ
部品情報  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LMZ データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LMZ Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LMZ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC S415-0000-1A-152-PS0525-050
Order Code: BCC0LMZ
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277640
ETIM 6.0: EC001855
BCC0LMZ_0.2_2021-12-17
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free acc. to IEC 60754-1
Silicone-free
Flame resistance acc. to IEC 60332-2
LABS-free
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: green
PIN 3: blue
PIN 4: white
PIN 5: gray
Wiring Diagrams
1) Shield on cover nut



Html Pages

1 2