| データシートサーチシステム |
|
VB14N-400-T-R データシート(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
VB14N-400-T-R データシート(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 5 page ![]() Barcode scanner VB14N-400-T-R < Grid scanner < Version for low temperature applications < Simple operation via function keys: test mode, code teaching and code optimization < Code reconstructor < Connect up to 32 scanners < Sturdy aluminum housing < Two serial interfaces RS 232 / RS 485 < Engine control (On/Off) possible < Degree of protection IP65 Barcode scanner Function The VB14N-***-T-R is a grid scanner for reading 1D barcodes and is specially designed for use at low temperatures. With its high-performance optics and code reconstruction, the barcode scanner offers a high level of reliability when reading 1D barcodes that are difficult to detect. A function key and several LEDs on the barcode scanner provide support when parameterizing, teaching in barcodes, and testing. In live operation, the LEDs provide information about the relevant read status. You can establish a high-speed connection between up to 32 devices. This connection enables data to be recorded in a quicker and more efficient manner, without the need for an additional external multiplexer. The corresponding PC software makes parameterization simple. 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
同様の部品番号 - VB14N-400-T-R |
|
同様の説明 - VB14N-400-T-R |