データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TM221C40T データシート(PDF) 2 Page - Schneider Electric

部品番号 TM221C40T
部品情報  Logic controller, Modicon M221, 40 IO transistor PNP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM221C40T データシート(HTML) 2 Page - Schneider Electric

  TM221C40T Datasheet HTML 1Page - Schneider Electric TM221C40T Datasheet HTML 2Page - Schneider Electric TM221C40T Datasheet HTML 3Page - Schneider Electric TM221C40T Datasheet HTML 4Page - Schneider Electric TM221C40T Datasheet HTML 5Page - Schneider Electric TM221C40T Datasheet HTML 6Page - Schneider Electric TM221C40T Datasheet HTML 7Page - Schneider Electric TM221C40T Datasheet HTML 8Page - Schneider Electric TM221C40T Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Discrete input current
7 mA discrete input
5 mA fast input
Input impedance
3.4 kOhm discrete input
100 kOhm analog input
4.9 kOhm fast input
Response time
35 µs turn-off, I2...I5 input
5 µs turn-on, I0, I1, I6, I7 fast input
35 µs turn-on, other terminals input
5 µs turn-off, I0, I1, I6, I7 fast input
100 µs turn-off, other terminals input
5 µs turn-on, turn-off, Q0...Q1 output
50 µs turn-on, turn-off, Q2...Q3 output
300 µs turn-on, turn-off, other terminals output
Configurable filtering time
0 ms input
3 ms input
12 ms input
Discrete output logic
Positive logic (source)
Maximum current per output
common
4 A
Output Frequency (sync to
mains)
100 kHz fast output (PWM/PLS mode) Q0...Q1
5 kHz output Q2...Q3
0.1 kHz output Q4...Q15
Absolute accuracy error
+/- 1 % of full scale analog input
Maximum leakage current
0.1 mA transistor output
Maximum voltage drop
<1 V
Mechanical durability
20000000 cycles transistor output
Maximum tungsten load
<12 W output and fast output
Protection type
Overload and short-circuit protection 1 A
Reset time
1 s automatic reset
Memory capacity
256 kB user application and data RAM 10000 instructions
256 kB internal variables RAM
Data backed up
256 kB built-in flash memory backup of application and data
Data storage equipment
2 GB SD card optional)
Battery type
BR2032 lithium non-rechargeable 4 year(s)
Backup time
1 year 77 °F (25 °C) by interruption of power supply)
Execution time for 1
KInstruction
0.3 ms event and periodic task
Execution time per instruction
0.2 µs Boolean
Exct time for event task
60 µs response time
Maximum size of object areas
255 %TM timers
512 %M memory bits
255 %C counters
512 %KW constant words
8000 %MW memory words
Realtime clock
With
Clock drift
<= 30 s/month 77 °F (25 °C)
Regulation loop
Adjustable PID regulator up to 14 simultaneous loops
Positioning functions
PTO 2 pulse/direction 100 kHz)
PTO 1 CW/CCW 100 kHz)
Function Available
Frequency generator
PWM
PLS
Counting input number
4 fast input (HSC mode) 100 kHz 32 bits
Counter function
Pulse/direction
Single phase
A/B
Integrated connection type
USB port mini B USB 2.0
Non isolated serial link serial 1 RJ45 RS485
2
Mar 23, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com