データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TM221M32TK データシート(PDF) 1 Page - Schneider Electric

部品番号 TM221M32TK
部品情報  Logic controller, Modicon M221, 32 IO transistor PNP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM221M32TK データシート(HTML) 1 Page - Schneider Electric

  TM221M32TK Datasheet HTML 1Page - Schneider Electric TM221M32TK Datasheet HTML 2Page - Schneider Electric TM221M32TK Datasheet HTML 3Page - Schneider Electric TM221M32TK Datasheet HTML 4Page - Schneider Electric TM221M32TK Datasheet HTML 5Page - Schneider Electric TM221M32TK Datasheet HTML 6Page - Schneider Electric TM221M32TK Datasheet HTML 7Page - Schneider Electric TM221M32TK Datasheet HTML 8Page - Schneider Electric TM221M32TK Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product data sheet
Specifications
Logic controller, Modicon M221, 32
IO transistor PNP
TM221M32TK
Main
Range of product
Modicon M221
Product or component type
Logic controller
[Us] rated supply voltage
24 V DC
Discrete input number
16, discrete input 4 fast input conforming to IEC 61131-2 Type 1
Analogue input number
2 at 0...10 V
Discrete output type
Transistor
Discrete output number
16 transistor 2 fast output
Discrete output voltage
24 V DC
Discrete output current
0.1 A
Complementary
Discrete I/O number
32
Maximum number of I/O
expansion module
7 for relay output
Supply voltage limits
20.4…28.8 V
Inrush current
35 A
Maximum power consumption in
W
22.3 W at 24 V (with max number of I/O expansion module)
3.5 W at 24 V (without I/O expansion module)
Power supply output current
0.52 A 5 V for expansion bus
0.48 A 24 V for expansion bus
Discrete input logic
Sink or source (positive/negative)
Discrete input voltage
24 V
Discrete input voltage type
DC
Analogue input resolution
10 bits
LSB value
10 mV
Conversion time
1 ms per channel + 1 controller cycle time for analogue input analog input
Permitted overload on inputs
+/- 30 V DC for 5 min (maximum) for analog input
+/- 13 V DC (permanent) for analog input
Voltage state 1 guaranteed
>= 15 V for input
Voltage state 0 guaranteed
<= 5 V for input
Discrete input current
7 mA for discrete input
5 mA for fast input
 
Mar 23, 2022
1


同様の部品番号 - TM221M32TK

メーカー部品番号データシート部品情報
logo
Schneider Electric
TM221M16R SCHNEIDER-TM221M16R Datasheet
239Kb / 10P
controller M221 16 IO relay
Aug 11, 2019
TM221M16R SCHNEIDER-TM221M16R Datasheet
242Kb / 16P
Logic controller, Modicon M221, 16 IO relay
Mar 23, 2022
TM221M16RG SCHNEIDER-TM221M16RG Datasheet
240Kb / 10P
controller M221 16 IO relay spring
Aug 17, 2019
TM221M16RG SCHNEIDER-TM221M16RG Datasheet
244Kb / 16P
Logic controller, Modicon M221, 16 IO relay spring
Mar 23, 2022
TM221M16RG SCHNEIDER-TM221M16RG_V01 Datasheet
244Kb / 16P
Logic controller, Modicon M221, 16 IO relay spring
Mar 23, 2022
More results

同様の説明 - TM221M32TK

メーカー部品番号データシート部品情報
logo
Schneider Electric
TM221C16T SCHNEIDER-TM221C16T Datasheet
274Kb / 18P
Logic controller, Modicon M221, 16 IO transistor PNP
Mar 23, 2022
TM221C40T SCHNEIDER-TM221C40T Datasheet
259Kb / 18P
Logic controller, Modicon M221, 40 IO transistor PNP
Mar 23, 2022
TM221CE24T SCHNEIDER-TM221CE24T_V01 Datasheet
280Kb / 18P
Logic controller, Modicon M221, 24 IO transistor PNP Ethernet
Mar 23, 2022
TM221CE40T SCHNEIDER-TM221CE40T Datasheet
269Kb / 18P
Logic controller, Modicon M221, 40 IO transistor PNP Ethernet
Mar 23, 2022
TM221M16T SCHNEIDER-TM221M16T Datasheet
246Kb / 17P
Logic controller, Modicon M221, 16 IO transistor PNP
Mar 23, 2022
TM221M16TG SCHNEIDER-TM221M16TG Datasheet
248Kb / 17P
Logic controller, Modicon M221, 16 IO transistor PNP spring
Mar 23, 2022
TM221ME16T SCHNEIDER-TM221ME16T Datasheet
258Kb / 17P
Logic controller, Modicon M221, 16 IO transistor PNP Ethernet
Mar 23, 2022
TM221ME16TG SCHNEIDER-TM221ME16TG Datasheet
256Kb / 17P
Logic controller, Modicon M221, 16 IO transistor PNP Ethernet spring
Mar 23, 2022
TM221ME32TK SCHNEIDER-TM221ME32TK Datasheet
259Kb / 17P
Logic controller, Modicon M221, 32 IO transistor PNP Ethernet
Mar 23, 2022
TM221CE16T SCHNEIDER-TM221CE16T_V01 Datasheet
284Kb / 18P
Logic controller, Modicon M221, 16 IO transistor PNP Ethernet
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com