| データシートサーチシステム |
|
PCF8545ATT データシート(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT データシート(HTML) 60 Page - NXP Semiconductors |
|
60 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 Number of elements at MUX Type name 1:1 1:2 1:3 1:4 1:6 1:8 1:9 VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (°C) Interface Package AEC- Q100 PCA85134H 60 120 180 240 - - - 1.8 to 5.5 2.5 to 8 82 N N -40 to 95 I2C LQFP80 Y PCA8543AHL 60 120 - 240 - - - 2.5 to 5.5 2.5 to 9 60 to 300[2] Y Y -40 to 105 I2C LQFP80 Y PCF8545ATT[1] - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[2] N N -40 to 85 I2C TSSOP56 N PCF8545BTT[1] - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[2] N N -40 to 85 SPI TSSOP56 N PCF8536AT[4] - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 85 I2C TSSOP56 N PCF8536BT[4] - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 85 SPI TSSOP56 N PCA8536AT[4] - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 95 I2C TSSOP56 Y PCA8536BT[4] - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[2] N N -40 to 95 SPI TSSOP56 Y PCF8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 85 I2C TQFP64 N PCF8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 85 SPI TQFP64 N PCA8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 95 I2C TQFP64 Y PCA8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 95 SPI TQFP64 Y PCA9620H 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 105 I2C LQFP80 Y PCA9620U 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[2] Y Y[3] -40 to 105 I2C bare die Y PCF8552DUG[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 128[2] N N -40 to 85 I2C, SPI bare die N PCA8552DUG[1] 36 72 108 144 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[2] N N -40 to 105 I2C, SPI bare die Y PCF8576DU 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 77 N N -40 to 85 I2C bare die N PCF8576EUG 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 77 N N -40 to 85 I2C bare die N PCA8576FUG[1] 40 80 120 160 - - - 1.8 to 5.5 2.5 to 8 200 N N -40 to 105 I2C bare die Y PCF85133U 80 160 240 320 - - - 1.8 to 5.5 2.5 to 6.5 82, 110[5] N N -40 to 85 I2C bare die N PCA85133U 80 160 240 320 - - - 1.8 to 5.5 2.5 to 8 82, 110[5] N N -40 to 95 I2C bare die Y PCA85233U 80 160 240 320 - - - 1.8 to 5.5 2.5 to 8 150, 220[5] N N -40 to 105 I2C bare die Y PCA8530DUG[1] 102 204 - 408 - - - 2.5 to 5.5 4 to 12 45 to 300[2] Y Y[3] -40 to 105 I2C, SPI bare die Y PCF85132U 160 320 480 640 - - - 1.8 to 5.5 1.8 to 8 60 to 90[2] N N -40 to 85 I2C bare die N Table 39. Selection of LCD segment drivers...continued PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 60 / 68 |