| データシートサーチシステム |
|
ADE1201ACCZ データシート(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE1201ACCZ データシート(HTML) 25 Page - Analog Devices |
|
25 / 40 page ![]() Data Sheet ADE1201 Rev. 0 | Page 25 of 40 SPI Write Operation A write operation is initiated when the host controller sets the CS pin low and begins sending a 16-bit command word with the register address in Bits[14:4] and Bit 3 of the command header cleared to 0 (see Figure 38). CHIP_ ADDR REGISTER ADDRESS 15 0 0 14 4 3 2 0 REGISTER VALUE 15 0 CS SCLK MOSI Figure 38. SPI Write Operation 0 REGISTER VALUE 15 CS SCLK MOSI MISO CHIP_ ADDR REGISTER ADDRESS 15 0 1 14 4 3 2 0 Figure 39. SPI Read Operation CHIP_ ADDR REGISTER ADDRESS 15 0 1 14 4 3 2 0 0 REGISTER VALUE CRC VALUE 15 15 CS SCLK MOSI MISO 0 Figure 40. SPI Read Operation with Appended Cyclic Redundancy Check (CRC) CHIP_ ADDR REGISTER ADDRESS 15 1 0 14 4 3 2 0 REGISTER VALUE 15 0 CS SCLK MOSI Figure 41. SPI Broadcast Write Operation |