| データシートサーチシステム |
|
MPC5604BC データシート(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5604BC データシート(HTML) 49 Page - NXP Semiconductors |
|
49 / 109 page ![]() Package pinouts and signal descriptions MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 49 Figure 8. Start-up reset requirements Figure 9. Noise filtering on reset signal Table 24. Reset electrical characteristics Symbol C Parameter Conditions1 Value Unit Min Typ Max VIH SR P Input High Level CMOS (Schmitt Trigger) — 0.65VDD —VDD+0.4 V VIL VDD device reset forced by RESET VDDMIN RESET VIH device start-up phase VRESET VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST hw_rst ‘1’ ‘0’ filtered by lowpass filter WFRST unknown reset state device under hardware reset |