データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX753C/D データシート(PDF) 12 Page - Maxim Integrated Products

部品番号 MAX753C/D
部品情報  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D データシート(HTML) 12 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products MAX753C/D Datasheet HTML 13Page - Maxim Integrated Products MAX753C/D Datasheet HTML 14Page - Maxim Integrated Products MAX753C/D Datasheet HTML 15Page - Maxim Integrated Products MAX753C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
12
______________________________________________________________________________________
Table 4. Bill of Materials
RESISTOR
VALUE (Ω)
TOLERANCE (%)
R1
100,000
±10
R2
100,000
±10
R3
1,000,000
±1
R4
40,200
±1
R5
100,000
±1
R6
13,300
±1
R7
100,000
±10
R8
549
±1
R10
680
±5
R16
100,000
±10
R17
100,000
±10
R18
100,000
±5
CAPACITOR
WORKING
VOLTAGE (V)
CHARACTERISTICS
C1
0.1
6
C2
22
20
Low ESR
C3
0.1
20
C4
0.1
6
C5
0.01
6
Non-polarized
C6
10
50
C7
1
6
C8
1
30
C9
22
63
C10
1.5E-5
3000
High voltage
OTHER
COMPONENTS
SURFACE-
MOUNT PART
NUMBER
PACKAGE
BREAKDOWN
VOLTAGE (V)
GENERIC
PART NO.
MANUFACTURER
Q1
CMPTA06
SOT-23
80
MPSA06
Central Semi.
Q2
CMPT2907A
SOT-23
60
2N2907
Central Semi.
Q3
SOT-23
60
3055EL
Motorola
Q4
MMFT3055ELT1
SOT-23
50
Zetex
Q5
FMMT619
SOT-23
50
Zetex
D1A
CMPD4150
SOT-23
75
1N4150
Central Semi.
D1B
CMPD4150
SOT-23
75
1N4150
Central Semi.
D2A
CMPD4150
SOT-23
75
1N4150
Central Semi.
D2B
CMPD4150
SOT-23
75
1N4150
Central Semi.
D3
EC10QS05
D-64
50
1N5819
Nihon
D4
CMPD4150
SOT-23
75
1N4150
Central Semi.
D5
EC10QS02L
D-64
20
1N5817
Nihon
D6A
CMPD4150
SOT-23
75
1N4150
Central Semi.
D6B
CMPD4150
SOT-23
75
1N4150
Central Semi.
D7A
CMPD4150
SOT-23
75
1N4150
Central Semi.
D7B
CMPD4150
SOT-23
75
1N4150
Central Semi.
VALUE (µF)
FMMT619
Note: For T1, Use Sumida EPS207. Request No. USC-145, Special No. 6358-JP5-010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16