データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM2431BSDFHIALVR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM2431BSDFHIALVR
部品情報  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM2431BSDFHIALVR データシート(HTML) 7 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 3Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 4Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 5Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 6Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 7Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 8Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 9Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 10Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 242 page
background image
4 Revision History
Changes from July 16, 2021 to March 14, 2022 (from Revision B (July 2021) to Revision C
(March 2022))
Page
• (Features): Deleted Trusted Execution Environment (TEE). Arm TrustZone® support for Cortex-A cores only
bullets. Not supported on AM243x devices........................................................................................................ 1
• (Device Information): Added footnote for AM2432_ALV/ALX and AM2431_ALV/ALX device options regarding
pre-production part numbers.............................................................................................................................. 3
• (Device Comparison): Clarified speed grade options for each device. Also clarified functional safety support
and added a note that references the Nomenclature Description table..............................................................8
• (AM243x_ALX Package - Unsupported Interfaces and Signals): Updated table and associated notes...........58
• (Pin Connectivity Requirements [was "Connections for Unused Pins"]): Added new pin connection
requirements and updated SERDES power pin connection requirements to include a condition of device
boundary scan usage....................................................................................................................................... 94
• (Pin Connectivity Requirements): Included VMON connectivity requirements................................................. 94
• (Absolute Maximum Ratings): Replaced free-air in the table description with junction and moved MCU_PORz
from a row of dual-voltage fail-safe pins to its own row.................................................................................... 99
• (Recommended Operating Conditions): Replaced free-air in the table description with junction and added a
note to VDD_MMC0 and VDD_DLL_MMC0...................................................................................................102
• (Recommended Operating Conditions): Combined VDDS_DDR and VDDS_DDR_C into a single row and
added a note that explains these two power rails should be powered from the same source........................102
• Updated the "The voltage at the device ball must never ..." footnote............................................................. 102
• (Speed Grade Maximum Frequency): Added Speed Grade K - ICSSG operating frequency (250 MHz)...... 104
• (Speed Grade Maximum Frequency): Updated Note 1 to reference the AM64x\AM243x DDR Board Design
and Layout Guidelines.................................................................................................................................... 104
• (Fail-Safe Reset Electrical Characteristics): Updated values for VILSS and VIHSS parameters.......................105
• (LVCMOS Electrical Characteristics): Corrected the VOH MIN value for 1.8V Mode...................................... 109
• (Recommended Operating Conditions for OTP eFuse Programming): Replaced free-air in the table
description with junction and changed operating temperature description to remove ambient and replace with
junction. Also removed the recommendation for using a specific power management solution..................... 111
• (ALV Package Thermal Resistance Characteristics): Updated TBD values in the table with actual values... 112
• (ALX Package Thermal Resistance Characteristics): Updated TBD values in the table with actual values...112
• (System Timing): Removed the maximum input slew rate requirement from the Systems Timing Conditions
table................................................................................................................................................................ 118
• (Clock Timing): Added MCU_EXT_REFCLK0 to the Clock Timing Requirements, and added
MCU_SYSCLKOUT0 and MCU_OBSCLK0 to the Clock Switching Characteristics......................................123
• (MCU_OSC0 Internal Oscillator Clock Source): Added a note to define the maximum ESRxtal value based on
the Cshunt parameter....................................................................................................................................... 125
• (MCU_OSC0 Start-up Time): Updated signal names in figure....................................................................... 125
• (CPSW3G): Added IOSET information...........................................................................................................131
• (DDRSS Switching Characteristics): Added a note that clarifies the min cycle time definition and references
the AM64x\AM243x DDR Board Design and Layout Guidelines.................................................................... 136
• (GPMC): Added IOSET information................................................................................................................143
• (GPMC and NOR Flash — Synchronous Mode): Added a note to Timing Requirements and Switching
Characteristics tables to clarify maximum frequency relationship to data bus width...................................... 143
• (System Power Supply Monitor Design Guidelines): Updated maximum and minumum threshold values to
remove a few mV of rounding error in example provided............................................................................... 224
• (Standard Package Symbolization): Updated package symbolization figure................................................. 227
• (Device Naming Convention): Added K option to Device Speed Grades row to table. Added Q1 Automotive
Designator Row to table................................................................................................................................. 227
• (Tools and Software): Updated the supported development tools.................................................................. 228
• (Documentation Support) Updated/Changed the URL of the Silicon Errata reference...................................229
www.ti.com
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More