| データシートサーチシステム |
|
IP1520 データシート(PDF) 6 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
IP1520 データシート(HTML) 6 Page - Interpion semiconductor |
|
6 / 14 page ![]() August. 2002 (Rev.0) - 6 - IP1520 DUAL OUTPUT VOLTAGE SERIES REGULATOR WWW.INTERPIONSEMI.COM APPLICATION SUMMARY - ON / OFF When you want to control output of the IP1520, use pin #4 as follows Pin#4 IP1520 HIGH off LOW on on/off function As shown in figure Pin#4 is positive input of the comparator, and the other Input is threshold voltage. If the voltage of the pin#4 rises above threshold voltage, then TR Q1 will be saturated and the main bias current will be shut down. Pin#4 Vth Main bias Q1 |