データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP1524 データシート(PDF) 5 Page - Interpion semiconductor

部品番号 IP1524
部品情報  DUAL OUTPUT VOLTAGE LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERPION [Interpion semiconductor]
ホームページ  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1524 データシート(HTML) 5 Page - Interpion semiconductor

  IP1524 Datasheet HTML 1Page - Interpion semiconductor IP1524 Datasheet HTML 2Page - Interpion semiconductor IP1524 Datasheet HTML 3Page - Interpion semiconductor IP1524 Datasheet HTML 4Page - Interpion semiconductor IP1524 Datasheet HTML 5Page - Interpion semiconductor IP1524 Datasheet HTML 6Page - Interpion semiconductor IP1524 Datasheet HTML 7Page - Interpion semiconductor IP1524 Datasheet HTML 8Page - Interpion semiconductor IP1524 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
December. 2002 (Rev.0)
- 5 -
IP1524
DUAL OUTPUT VOLTAGE LDO REGULATOR
www.interpionsemi.com
APPLICATION SUMMARY
- ON / OFF
When you want to control output of the IP1524, use pin #2 as follows
As shown in figure
Pin#2 is positive input of the comparator,
and the other Input is threshold voltage.
If the voltage of the pin#2 rises above threshold voltage,
then TR Q1 will be saturated and the main bias current
will be shut down.
Pin#2
Vth
Main
bias
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12