| データシートサーチシステム |
|
AD9371BBCZ データシート(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9371BBCZ データシート(HTML) 13 Page - Analog Devices |
|
13 / 57 page ![]() Data Sheet AD9371 Rev. B | Page 13 of 57 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSA VSSD VSSA VSSD VSSA VSSA ORX2+ ORX2– RX2+ RX2– RX1+ RX1– ORX1+ ORX1– RX_EXTLO– RX_EXTLO+ AUXADC_1 AUXADC_2 AUXADC_3 RBIAS AUXADC_0 TX_EXTLO– TX_EXTLO+ DEV_ CLK_IN+ DEV_ CLK_IN– SNRXA+ SNRXA– SNRXB+ SNRXB– SNRXC+ SNRXC– TX2+ TX2– TX1– TX1+ SYSREF_IN+ SYSREF_IN– VDDA_RXRF VSNRX_ VCO_LDO VDDA_ SNRXVCO VDDA_RXLO VRX_ VCO_LDO VDDA_ RXVCO VDDA_3P3 VDDA_1P8 VDDA_BB VDDA_RXTX VDDA_ CALPLL VDDA_ CLKSYNTH VDDA_ SNRXSYNTH VDDA_ TXSYNTH VDD_IF VDDA_ RXSYNTH VDDA_ TXVCO VDDA_TXLO VTX_ VCO_LDO VDIG VDIG VCLK_ VCO_LDO VDDA_CLK VDDA_SER VDDA_SER VDDA_DES JESD_VTT_ DES SERDIN1+ SERDIN1– SERDIN0+ SERDIN0– SERDIN3+ SERDIN3– SERDIN2+ SERDIN2– SERDOUT0+ SERDOUT0– SERDOUT1+ SERDOUT1– SERDOUT2+ SERDOUT2– SERDOUT3+ SERDOUT3– SYNCINB0+ SYNCINB0– SYNCINB1+ SYNCINB1– SYNCOUTB0– SYNCOUTB0+ GPIO_17 GPIO_16 GPIO_15 GPIO_8 GPIO_9 GPIO_14 GPIO_10 GPIO_11 GPIO_13 GPIO_12 GPIO_0 GPIO_1 GPIO_3 GPIO_2 GPIO_4 GPIO_7 GPIO_5 GPIO_6 SDIO SCLK SDO CSB GPIO_18 RESET GP_ INTERRUPT TEST RX1_ ENABLE TX1_ ENABLE RX2_ ENABLE TX2_ ENABLE GPIO_3P3_5 GPIO_3P3_0 GPIO_3P3_1 GPIO_3P3_3 GPIO_3P3_4 GPIO_3P3_2 GPIO_3P3_10 GPIO_3P3_6 GPIO_3P3_11 GPIO_3P3_9 GPIO_3P3_8 GPIO_3P3_7 1 4 7 8 11 14 23 56 9 10 12 13 A G K L P J H B M N C D E F ANALOG INPUT/OUTPUT DIGITAL INPUT/OUTPUT DC POWER GROUND AD9371 TOP VIEW (Not to Scale) Figure 4. Pin Configuration Table 6. Pin Function Descriptions Pin No. Type1 Mnemonic Description A1, A4, A7, A8, A11, A14, B2 to B6, B9 to B13, C5, C9, C10, D6 to D9, E6, E9, E10, F3 to F10, G1 to G3, G5, G10 to G14, H2 to H10, H13, J2, J13, K1, K2, K13, K14, L1, L2, L13, L14, M2, M9, N2, N7, N14, P1, P2, P3, P10 I VSSA Analog ground. A2, A3 I ORX2+, ORX2− Differential Input for Observation Receiver 2. Do not connect if these pins are unused. A5, A6 I RX2+, RX2− Differential Input for Receiver 2. Do not connect if these pins are unused. A9, A10 I RX1+, RX1− Differential Input for Receiver 1. Do not connect if these pins are unused. |