| データシートサーチシステム |
|
ADIN1100BCPZ-R7 データシート(PDF) 76 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN1100BCPZ-R7 データシート(HTML) 76 Page - Analog Devices |
|
76 / 78 page ![]() Data Sheet ADIN1100 ETHERNET CLAUSE 45 REGISTER DETAILS analog.com Rev. 0 | 76 of 78 Table 139. Bit Descriptions for MAC_IF_SOP_CNTRL Bits Bit Name Description Reset Access received. Otherwise, the RX SOP is set when RX_DV is set. The RX SOP signal remains set until the end of the frame. 0 MAC_IF_RX_SOP_DET_EN Enable the Generation of the RX SOP Indication Signal. 0x1 R/W |