データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC94060 データシート(PDF) 4 Page - Microchip Technology

部品番号 MIC94060
部品情報  High Side Power Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94060 データシート(HTML) 4 Page - Microchip Technology

  MIC94060 Datasheet HTML 1Page - Microchip Technology MIC94060 Datasheet HTML 2Page - Microchip Technology MIC94060 Datasheet HTML 3Page - Microchip Technology MIC94060 Datasheet HTML 4Page - Microchip Technology MIC94060 Datasheet HTML 5Page - Microchip Technology MIC94060 Datasheet HTML 6Page - Microchip Technology MIC94060 Datasheet HTML 7Page - Microchip Technology MIC94060 Datasheet HTML 8Page - Microchip Technology MIC94060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC94060/1/2/3
DS20006517B-page 4
2021 - 2022 Microchip Technology Inc. and its subsidiaries.
Dynamic
Turn-On Delay Time
tON_DLY
0.85
1.5
µs
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
700
1200
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-On Rise Time
tON_RISE
0.5
1
5
µs
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
500
800
1500
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-Off Delay Time
tOFF_DLY
100
200
ns
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
60
200
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-Off Fall Time
tOFF_FALL
60
100
ns
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
60
100
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
+125
°C
Storage Temperature Range
TS
–55
+150
°C
Package Thermal Resistances
Thermal Resistance, SC-70 6-Ld
JA
240
°C/W —
Thermal Resistance, UDFN 4-Ld
JA
172
°C/W —
Thermal Resistance, UDFN 4-Ld
JC
134
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 5V; TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com