| データシートサーチシステム |
|
MX584JC/D データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX584JC/D データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 11 page ![]() General Description Maxim’s MX584 is a temperature-compensated, bandgap voltage reference which provides pin-program- mable output voltages of +10.00V, +7.50V, +5.00V, and +2.50V. External components are not required for these outputs, but if other voltages are desired, they can be programmed with external resistors. Laser trimming minimizes output error as well as tem- perature drift, to as low as 10mV and 15ppm/°C with the MX584K. The input voltage range of the MAX584 is 4.5V to 30V. The reference also includes a STROBE input which shuts down the reference output. Typical current drain when ON is 750µA. This drops to about 100µA when the reference is strobed OFF. The MX584 is designed for use with 8- to 14-bit A/D and D/A converters as well as data acquisition systems. It is available in 8-lead TO-99 metal cans, plastic DIPS, CERDIPS, and SO packages. Applications CMOS DAC Reference A/D Converter Reference Measurement Instrumentation Data Loggers Precision Analog Systems Programmable Offset for PGAs Features ♦ +10.0V, +7.5V, +5.0V, +2.5V Programmable Outputs ♦ ±10mV Tolerance at +10V (MX584K) ♦ Low Tempco: 15ppm/°C, max (MAX584K) ♦ No External Components or Trims ♦ Short-Circuit Proof ♦ Output Sources and Sinks Current ♦ 10mA Output Current Pin-Programmable, Precision Voltage Reference ________________________________________________________________ Maxim Integrated Products 1 VBG VBG STROBE STROBE COMMON COMMON 1 2 8 7 +VS CAP CAP TAB 5.0V 5.0V 2.5V 2.5V 10.0V 10.0V 8-Lead DIP TOP VIEW TO-39 3 4 6 5 MX584 MX584 8 7 6 5 4 3 2 1 Pin Configuration Ordering Information RFB VREF 2.4kΩ GND COMMON -15V -5V REFERENCE FOR CMOS DAC 0 TO 5V OUT2 0.01µF OUT1 10V 5V VOUT +VS 1 2 -5V 4 8 MX7533 MX584 MAX400 Typical Operating Circuit 19-1115; Rev 2; 11/04 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. PART TEMP RANGE PIN-PACKAGE ERROR MX584JH 0°C to +70°C 8 TO-99 Can ±30mV MX584KH 0°C to +70°C 8 TO-99 Can ±10mV MX584JN 0°C to +70°C 8 PDIP ±30mV MX584KN 0°C to +70°C 8 PDIP ±10mV MX584JCSA 0°C to +70°C 8 SO ±30mV MX584KCSA 0°C to +70°C 8 SO ±10mV MX584JESA -40°C to +85°C 8 SO ±30mV MX584KESA -40°C to +85°C 8 SO ±10mV MX584JC/D 0°C to +70°C 8 Dice ±30mV MX584SH -55°C to +125°C 8 TO-99 Can ±30mV MX584TH -55°C to +125°C 8 TO-99 Can ±10mV MX584SQ -55°C to +125°C 8 CERDIP ±30mV MX584TQ -55°C to +125°C 8 CERDIP ±10mV |