| データシートサーチシステム |
|
USB7006T/KDX データシート(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7006T/KDX データシート(HTML) 53 Page - Microchip Technology |
|
53 / 56 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00003715B-page 53 USB7006 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [X] XXX Package Temperature Range Device Device: USB7006 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial/Automotive Grade 3) Package: KDX = 100-pin VQFN Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product Examples: a) USB7006/KDX Tray, 0 C to +70C, 100-pin VQFN b) USB7006T/KDX Tape & reel, 0 C to +70C, 100-pin VQFN c) USB7006-I/KDX Tray, -40 C to +85C, 100-pin VQFN d) USB7006T-I/KDX Tape & reel, -40 C to +85C, 100-pin VQFN e) USB7006-I/KDXVAO Tray, -40 C to +85C, Automotive Grade 3, 100-pin VQFN f) USB7006T-I/KDXVAO Tape & reel, -40 C to +85C, Automotive Grade 3, 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - / XXX Automotive Code |