| データシートサーチシステム |
|
1069208 データシート(PDF) 9 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1069208 データシート(HTML) 9 Page - PHOENIX CONTACT |
|
9 / 10 page ![]() https://www.phoenixcontact.com/us/products/1069208 12/24/2021 Page 9 / 10 Controller - AXC F 3152 - 1069208 Accessories Power module - AXL F PWR 1H - 2688297 Axioline F, Power module for the logic supply UBus, max. 4 A, degree of protection: IP20, including bus base module and Axioline F connector Programming Software - PLCNEXT ENGINEER - 1046008 Engineering software platform for Phoenix Contact automation controllers. PLCnext Engineer is IEC 61131-3-compliant and is available free of charge under Downloads. Its functionality can be extended using paid add-ins. To do this, open the license configurator via the “Configure” button. <a href="https://phoe.co/download_plcnext_engineer">Free download of PLCnext Engineer software</a> Storage medium Program / configuration memory - SD FLASH 8GB PLCNEXT MEMORY - 1061701 Program and configuration memory for storing the application programs and other files in the file system of the PLC, plug-in, 8 GB. Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY - 1043501 Program and configuration memory for storing the application programs and other files in the file system of the PLC, plug-in, 2 GB. Program / configuration memory - SD FLASH 8GB PLCNEXT MEMORY LIC - 1151112 Program and configuration memory for storing the application programs, licenses, and other files in the file system of the PLC, plug-in, 8 GB. |