| データシートサーチシステム |
|
ADP172ACBZ-1.2-R7 データシート(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP172ACBZ-1.2-R7 データシート(HTML) 15 Page - Analog Devices |
|
15 / 17 page ![]() Data Sheet ADP172 APPLICATIONS INFORMATION analog.com Rev. F | 15 of 17 Figure 35. 0 mm2 of PCB Copper, TA = 50°C In cases where board temperature is known, use the thermal characterization parameter, ΨJB, to estimate the junction tempera- ture rise (see Figure 36). Maximum junction temperature (TJ) is calculated from the board temperature (TB) and power dissipation (PD) using the following formula: TJ=TB+ PD×ψJB (5) The typical value of ΨJB is 58°C/W for the 4-ball WLCSP package. Figure 36. TA = 85°C PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS Heat dissipation from the package can be improved by increasing the amount of copper attached to the pins of the ADP172. However, as can be seen from Table 6, a point of diminishing returns is eventually reached, beyond which an increase in the copper size does not yield significant heat dissipation benefits. Place the input capacitor as close as possible to the VIN and GND pins. Place the output capacitor as close as possible to the VOUT and GND pins. Use of 0402 or 0603 size capacitors and resistors achieves the smallest possible footprint solution for boards on which area is limited. Figure 37. Example ADP172 PCB Layout |