データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6G3238E データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST6G3238E
部品情報  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E データシート(HTML) 13 Page - STMicroelectronics

Back Button ST6G3238E Datasheet HTML 9Page - STMicroelectronics ST6G3238E Datasheet HTML 10Page - STMicroelectronics ST6G3238E Datasheet HTML 11Page - STMicroelectronics ST6G3238E Datasheet HTML 12Page - STMicroelectronics ST6G3238E Datasheet HTML 13Page - STMicroelectronics ST6G3238E Datasheet HTML 14Page - STMicroelectronics ST6G3238E Datasheet HTML 15Page - STMicroelectronics ST6G3238E Datasheet HTML 16Page - STMicroelectronics ST6G3238E Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ST6G3238E
Mechanical Data
13/17
8
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17