データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNK302 データシート(PDF) 1 Page - Power Integrations, Inc.

部品番号 LNK302
部品情報  Lowest Component Count, Energy Efficient Off-Line Switcher IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK302 データシート(HTML) 1 Page - Power Integrations, Inc.

  LNK302 Datasheet HTML 1Page - Power Integrations, Inc. LNK302 Datasheet HTML 2Page - Power Integrations, Inc. LNK302 Datasheet HTML 3Page - Power Integrations, Inc. LNK302 Datasheet HTML 4Page - Power Integrations, Inc. LNK302 Datasheet HTML 5Page - Power Integrations, Inc. LNK302 Datasheet HTML 6Page - Power Integrations, Inc. LNK302 Datasheet HTML 7Page - Power Integrations, Inc. LNK302 Datasheet HTML 8Page - Power Integrations, Inc. LNK302 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LNK302/304-306
LinkSwitch-TN
Family
Lowest Component Count, Energy Efficient
Off-Line Switcher IC
Figure 1. Typical Buck Converter Application (See Application
Examples Section for Other Circuit Configurations).
Product Highlights
Cost Effective Linear/Cap Dropper Replacement
• Lowest cost and component count buck converter solution
• Fully integrated auto-restart for short-circuit and open
loop fault protection – saves external component costs
• LNK302 uses a simplified controller without auto-restart
for very low system cost
• 66 kHz operation with accurate current limit – allows low cost
off-the-shelf 1 mH inductor for up to 120 mAoutput current
• Tight tolerances and negligible temperature variation
• High breakdown voltage of 700 V provides excellent
input surge withstand
• Frequency jittering dramatically reduces EMI (~10 dB)
– minimizes EMI filter cost
• High thermal shutdown temperature (+135 °C minimum)
Much Higher Performance over Discrete Buck and
Passive Solutions
• Supports buck, buck-boost and flyback topologies
• System level thermal overload, output short-circuit and
open control loop protection
• Excellent line and load regulation even with typical
configuration
• High bandwidth provides fast turn-on with no overshoot
• Current limit operation rejects line ripple
• Universal input voltage range (85 VAC to 265 VAC)
• Built-in current limit and hysteretic thermal protection
• Higher efficiency than passive solutions
• Higher power factor than capacitor-fed solutions
• Entirely manufacturable in SMD
EcoSmart®
– Extremely Energy Efficient
• Consumes typically only 50/80 mW in self-powered buck
topology at 115/230 VAC input with no load (opto feedback)
• Consumes typically only 7/12 mW in flyback topology
with external bias at 115/230 VAC input with no load
• Meets California Energy Commission (CEC), Energy
Star, and EU requirements
Applications
• Appliances and timers
• LED drivers and industrial controls
Description
LinkSwitch-TN
is specifically designed to replace all linear and
capacitor-fed (cap dropper) non-isolated power supplies in the
®
Table 1.
Notes: 1. Typical output current in a non-isolated buck
converter. Output power capability depends on respective output
voltage. See Key Applications Considerations Section for complete
description of assumptions, including fully discontinuous conduction
mode (DCM) operation. 2. Mostly discontinuous conduction mode. 3.
Continuous conduction mode. 4. Packages: P: DIP-8B, G: SMD-8B.
For lead-free package options, see Part Ordering Information.
under 360 mA output current range at equal system cost while
offering much higher performance and energy efficiency.
LinkSwitch-TN
devices integrate a 700 V power MOSFET,
oscillator,simpleOn/Offcontrolscheme,ahighvoltageswitched
current source, frequency jittering, cycle-by-cycle current limit
and thermal shutdown circuitry onto a monolithic IC. The start-
up and operating power are derived directly from the voltage
on the DRAIN pin, eliminating the need for a bias supply and
associated circuitry in buck or flyback converters. The fully
integrated auto-restart circuit in the LNK304-306 safely limits
output power during fault conditions such as short-circuit or
open loop, reducing component count and system-level load
protection cost. A local supply provided by the IC allows use
of a non-safety graded optocoupler acting as a level shifter to
further enhance line and load regulation performance in buck
and buck-boost converters, if required.
March 2005
OUTPUT CURRENT TABLE1
PRODUCT4
230 VAC ±15%
85-265 VAC
MDCM2 CCM3 MDCM2 CCM3
LNK302P or G 63 mA
80 mA
63 mA 80 mA
LNK304P or G 120 mA 170 mA 120 mA 170 mA
LNK305P or G 175 mA 280 mA 175 mA 280 mA
LNK306P or G 225 mA 360 mA 225 mA 360 mA
DC
Output
Wide Range
HV DC Input
PI-3492-111903
+
+
FB
BP
S
D
LinkSwitch-TN


同様の部品番号 - LNK302

メーカー部品番号データシート部品情報
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

同様の説明 - LNK302

メーカー部品番号データシート部品情報
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com