| データシートサーチシステム |
|
MDT1051 データシート(PDF) 2 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT1051 データシート(HTML) 2 Page - Micon Design Technology Corporation |
|
2 / 13 page ![]() MDT1051 This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw P.2 2005/6 Ver. 1.9 4. Pin Assignment DIP / SOP PA2/AIC2 1 18 PA1/AIC1 PA3/AIC3 2 17 PA0/AIC0 PA4/RTCC 3 16 OSC1 /MCLR 4 15 OSC2 Vss 5 14 Vdd PB0/INT 6 13 PB7 PB1 7 12 PB6 PB2 8 11 PB5 PB3 9 10 PB4 SSOP PA2 1 20 PA1 PA3 2 19 PA0 RTCC 3 18 OSC1 /MCLR 4 17 OSC2 VSS 5 16 VDD VSS 6 15 VDD PB0 7 14 PB7 PB1 8 13 PB6 PB2 9 12 PB5 PB3 10 11 PB4 5. Pin Function Description Pin Name I/O Function Description PA0~PA3 I/O Port A, TTL input level / Analog input channel PB0~PB7 I/O Port B, TTL input level / PB0:External interrupt input , PB4~PB7:Interrupt on pin change RTCC/PA4 I/O Real Time Clock/Counter, Schmitt Trigger input levels Open drain output /MCLR I Master Clear, Schmitt Trigger input levels OSC1 I Oscillator Input OSC2 O Oscillator Output Vdd Power supply Vss Ground 6. Memory Map (A) Register Map Address Description BANK0 00 Indirect Addressing Register 01 RTCC 02 PCL 03 STATUS |