| データシートサーチシステム |
|
MDT2030CC データシート(PDF) 2 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT2030CC データシート(HTML) 2 Page - Micon Design Technology Corporation |
|
2 / 15 page ![]() MDT2030(CC) This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw P. 2 2005/6 Ver. 1.4 5. Block Diagram S ta ck Tw o Le ve ls P ro g ra m C o u n te rs O s cilla to r Circu it P o we r o n Re s e t P o w e r Do wn R e s e t 8 -b it Tim e r/Co u n te r E P R O M 2 0 4 8 X1 4 In s tru ctio n Re g is te r In s tru ctio n De co d e r W o rkin g R e g is te r ALU P re s ca le RAM 7 3 X8 S p e c ia l Re g is te r Co n tro l C ircu it S ta tu s R e g is te r W DT/O S T Tim e r P o rt A P o rt B O S C 1 O S C 2 MCLR Da ta 8 -b it R TCC 1 1 b its 1 1 b its 1 4 b its P o rt P A0 ~P A3 4 b its P o rt P B0 ~ P B7 8 b its D 0 ~D 7 |